Part Number Hot Search : 
BD676 LTC4058 45CJB 2907A AP2552W6 2N743A TDA7294H 1N2833D
Product Description
Full Text Search
 

To Download 2SK410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a d v a n c e d s e m i c o n d u c t o r, i n c. rev. c 7525 ethel avenue ? north hollywood, ca 91605 ? (818) 982-1200 ? fax (818) 765-3004 1/1 specifications are subjec t to change without notice. characteristics t c = 25 c symbol none test conditions minimum typical maximum units v (br)dss i c = 100 ma 180 v v (br)gss i g = 100 a v ds = 0 v 20 v v gs(off) i d = 1.0 ma v ds = 10 v 0.5 3.0 v i dss v dss = 180 v v gs = 0 v 1.0 m a v ds(on) i d = 4.0 a v gs = 10 v 3.8 6.0 v | fs| i d = 3.0 a v ds = 20 v 0.9 1.25 s c iss c oss c rss v gs = 5.0 v v ds = 0.0 v f = 1.0 mhz v gs = -5.0 v v ds = 50. v f = 1.0 mhz v gs = v gd = - 50. v f = 1.0 mhz 350 220 15 pf p out v dd = 80 v f = 28 mhz i dq =100 ma p in = 5 w 140 w 80 % silicon n-channel mos fet 2SK410 description: the asi 2SK410 is a silicon n-channel mos fet designed for hf/vhf power amplifier applications. features: ? p g = 17 db typ. at 100 w/28 mhz ? omnigold ? metalization system ? common source configuration ? rohs compliant maximum ratings i d 8 a v dss 180 v v gss 20 v p ch 120 w @ t c = 25 c t ch -55 c to +150 c t stg -55 c to +150 c package style .500 6l flg 1 = collector 2 = base 3&4 = emitter minimum inches / m m .490 / 12.45 .210 / 5.33 .003 / 0.08 b c d e f g a maximum .220 / 5.59 .007 / 0.18 .510 / 12.95 inches / m m .725 / 18.42 h dim k l i j .970 / 24.64 .980 / 24.89 .170 / 4.32 n m .120 / 3.05 .135 / 3.43 .150 / 3.43 .160 / 4.06 .125 / 3.18 .090 / 2.29 .105 / 2.67 .285 / 7.24 .150 / 3.81 .045 / 1.14 e f .725/18,42 i g j k l m a d c b 2x ?n full r h .835 / 21.21 .865 / 21.97 .210 / 5.33 .200 / 5.08 3 1 2 4


▲Up To Search▲   

 
Price & Availability of 2SK410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X